PART |
Description |
Maker |
D390CH18E3L2 D390CH18E3L3 D390CH18E3L4 D390CH18E3L |
2426 A, 1800 V, SCR 1125 A, 1200 V, SCR, TO-200AB 1950 A, 800 V, SCR, TO-200AC 5087 A, 1600 V, SCR 5087 A, 1800 V, SCR 2749 A, 1800 V, SCR 2749 A, 800 V, SCR 2110 A, 3000 V, SCR 2749 A, 600 V, SCR 1895 A, 1000 V, SCR, TO-200AC 2268 A, 1200 V, SCR 5260 A, 1200 V, SCR 1690 A, 800 V, SCR, TO-200AC 2749 A, 1600 V, SCR 5260 A, 1600 V, SCR 2749 A, 1000 V, SCR 1765 A, 1200 V, SCR, TO-200AC 1765 A, 1600 V, SCR, TO-200AC 2749 A, 1200 V, SCR 2749 A, 400 V, SCR 1030 A, 800 V, SCR, TO-200AB 1715 A, 600 V, SCR, TO-200AC 3140 A, 600 V, SCR 2600 A, 1200 V, SCR
|
Westcode Semiconductors, Ltd. WESTCODE SEMICONDUCTORS LTD
|
SKKH57/18EG6 |
1800 V, SCR
|
SEMIKRON INTERNATIONAL
|
5STP30H1401 5STP30H1601 5STP30H1801 |
Phase Control Thyristor 4882 A, 1800 V, SCR
|
ABB SWITZERLAND LTD SEMICONDUCTORS ABB, Ltd. The ABB Group
|
CR400FM-36 CR400FM CR400FM-28 CR400FM-32 |
Phase Control SCR 400 Amperes Avg 1400-1800 Volts
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors]
|
C441PS C441PC C441PE C441PM C441PN |
Phase Control SCR 750 Amperes Avg 1300-1800 Volts
|
POWEREX[Powerex Power Semiconductors]
|
TT430N TT430N18KOF TT430N20KOF |
Netz-Thyristor-Modul Phase Control Thyristor Module 800 A, 1800 V, SCR MODULE-7 800 A, 2000 V, SCR MODULE-7
|
eupec GmbH Infineon Technologies AG
|
LS431843 LS432243 LS4343 LS432043 |
POW-R-BLOK Single SCR Isolated Module (430 Amperes / 1800-2200 Volts)
|
POWEREX[Powerex Power Semiconductors]
|
IZF1167-7F25 IZF1167-3F25 IZF1167-12F25 IZF1167-10 |
2390 A, 700 V, SCR 2390 A, 300 V, SCR 2390 A, 1200 V, SCR 2390 A, 1000 V, SCR 2390 A, 900 V, SCR 1470 A, 800 V, SCR 1950 A, 1000 V, SCR 1950 A, 1100 V, SCR 1370 A, 1400 V, SCR 1470 A, 500 V, SCR 2835 A, 1100 V, SCR 1370 A, 1200 V, SCR 1470 A, 200 V, SCR
|
ITT, Corp.
|
TA200416 TA200418 TA201816 TA201818 TA200216 TA200 |
Phase Control SCR (1600-1800 Amperes Avg 100-2200 Volts) 第一阶段控制晶闸管(16001800年平00-2200安培伏特
|
Powerex Power Semiconductor... POWEREX[Powerex Power Semiconductors] Powerex, Inc.
|
T7000425 T7002025 T7000225 T7001335 T7002235 T7000 |
Phase Control SCR (250-350 Amperes 200-2200 Volts) 550 A, 1200 V, SCR Phase Control SCR (250-350 Amperes 200-2200 Volts) 470 A, 1800 V, SCR Phase Control SCR (250-350 Amperes 200-2200 Volts) 470 A, 1000 V, SCR Phase Control SCR (250-350 Amperes 200-2200 Volts) 470 A, 2000 V, SCR Phase Control SCR (250-350 Amperes 200-2200 Volts) 550 A, 600 V, SCR Phase Control SCR (250-350 Amperes 200-2200 Volts) 550 A, 200 V, SCR Phase Control SCR (250-350 Amperes 200-2200 Volts) 第一阶段控制晶闸管(250-350安培200-2200伏特 Phase Control SCR (250-350 Amperes 200-2200 Volts) 550 A, 2200 V, SCR
|
Powerex Power Semicondu... Powerex Power Semiconductor... PHOENIX CONTACT Deutschland GmbH Powerex, Inc. POWEREX[Powerex Power Semiconductors] http://
|
|